Part Number Hot Search : 
BZX55C62 TNY267G 74HC405 BAT720 EPZ3018 BUH417D 26000 NCP630
Product Description
Full Text Search
 

To Download RAA-0515S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RAA Series, 5 Watt, Unregulated (Single & Dual Output) Selection Guide
Part Number 30 x 30 mm RAA-0505S RAA-0512S RAA-0515S RAA-0505D RAA-0512D RAA-0515D RAA-1205S RAA-1212S RAA-1215S RAA-1205D RAA-1212D RAA-1215D RAA-2405S RAA-2412S RAA-2415S RAA-2405D RAA-2412D RAA-2415D Input Voltage (VDC) 5 5 5 5 5 5 12 12 12 12 12 12 24 24 24 24 24 24 Output Voltage (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 Output Current (mA) 1000 417 333 500 208 167 1000 417 333 500 208 167 1000 417 333 500 208 167 Input Current Full No Load Load (mA) 1250 1150 1150 1250 1150 1150 496 479 479 496 479 479 261 245 239 261 245 239 80 80 80 80 80 80 40 40 40 40 40 40 20 20 20 20 20 20 Efficiency
(%) 80 87 87 80 87 87 84 87 87 84 87 87 83 85 87 83 85 87
Features

1kVDC Isolation Efficiency to 87% Internal Filtering Dual In-Line Package No External Components Required 100% Burned In Low Noise UL94V-0 Package Material
Specifications (core operating area) and Operating Temperature / Derating-Graph
Voltage Setpoint Accuracy Temperature Coefficient Ripple and Noise (20MHz BW) Line Regulation (for 1% change in input voltage) Load Regulation (for output load current change from 20% to 100%) Short Circuit Protection Input Voltage Range Input Filter Efficiency Isolation Voltage (tested for 60 seconds) Isolation Resistance Switching Frequency Isolation Capacitance Operating Temperature Storage Temperature Cooling Case Material www.recom-international.com 3% max. 0.03%/C 100mVp-p max.
Efficiency (%) 100 80 60 40 20 0 0 20 40 60 80 100 % of Rated Load
1.2% max. 3% max. Short Term 10% min. Pi Network 80% - 87% 1.000VDC min. 109 min.
120 100 Output Power (%) 70 60 20 0 -25 0 25 50 70 100 Operating Temperature (C) Safe Operating Area
60kHz min. 80pf max. -25C to +70C (see Graph) -55C to +100C Free-Air Convection Non-Conductive Plastic August 2002
EC 77
ECONOLINE - DC/DC-Converter
RAA Series, 5 Watt, Unregulated (Single & Dual Output) Package Style and Pinning (mm)
Single Output Type
0V 5 Top View 1 2 +V 3
Dual Output Type
-V 5 0V 4 Top View 1 2 +V 3
Tolerance Envelope
+10% +5% V Nom.
Typical L oad Line
+2,5% - 2,5% - 7,5%
GND VIN
GND VIN
Output Voltage
10%
50%
100%
Output Load Current (%)
25.03 max.
25.03 max.
23.50 max.
RAA-0505S RECOM ****
23.50 max.
RAA-0505D RECOM ****
10.00 max.
10.00 max.
4.0 min.
1.02o+0.05
4.0 min.
1.02o+0.05
5.08
5.08
20.32
Bottom View
20.32
Bottom View
1.59 typ. 2.35
20.32
1.59 typ. 10.16
2.35 10.16
Recommended Footprint Details
2.54
2.54
2.54
2.54
3rd angle projection
XX.X 0.5 mm XX.XX 0.25 mm
1.60o+0.15/-0
1.60o+0.15/-0
EC 78
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RAA-0515S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X